Part Number Hot Search : 
50500 00144 L01502 CEP02N6 2SK1316L D2547P17 MR3025 C1514
Product Description
Full Text Search
 

To Download D353M3D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com MITSUMI
3.5" Compact Floppy Disk Drive D359M3D, D353M3D 1 Inch Height Type
Floppy Disk Drives
OUTLINE
These are 3.5-inch standard model FDDs.This one-inch height FDD satisfies the error rate and reliability demanded for computers, and it is characterized with a very low cost based on MITSUMI's through research design.
FEATURES
1. Newly developed motors with enhanced reliability coming with newly developed head. 2. Electromagnetic field noise-resistant structural design. 3. Excellent noise resistance owing to the mounting of magnetic heads having the latest structure. 4. We meet the requirements of our customer's specifications.
www..com
MITSUMI
3.5" Compact Floppy Disk Drive
SPECIFICATIONS
Item Capacity Unformatted Formatted (Sector/Track) Data Transfer Rate Innermost Recording Density (Side1) Number of Tracks Track Density Disk Rotational Speed Track to Track Access Time Average Access Time Settling Time (max.) DC Power Supply Operating Power Consumption Stand-by Temperature Environmental Humidity Conditions max.Wet Bulb MTBF (min.) MTTR (max.) Soft Read Error Error Rate Hard Read Error Seek Error Dimensions (H W D) Weight Unit M bytes K bytes K bit/sec. bpi -- tpi rpm mS mS mS V W (typ.) W (typ.) C %RH C (H) min /bit /bit /seek mm g (typ.) D359M3D D353M3D 1M Mode 2M Mode 1M Mode 1.6M Mode 2M Mode 1 2 1 1.6 2 737.28 (9) 1,474.56 (18) 737.28 (9) 1,182.72 (15) 1,474.56 (18) 250 500 250 500 500 8,717 17,434 8,717 14,184 17,434 160 160 160 154 160 135 135 135 135 135 300 300 300 360 300 3 3 3 3 3 94 94 94 91 94 15 5 1.6 0.04 5~52 (Operating)/-40~65 (Storage) 20~80 (Operating)/10~90 (Storage) 29 (Operating)/40 (Storage) 30,000P.O.H. 30 10 -9 10 -12 10 -6 25.4 101.6 144 330
DIMENSIONS
19.15 10.85 36.6 23 I/O CONNECTOR
DC-CONNECTOR 3-M3 0.5 L:4max (EXTERNAL THREAD) 5
BARCODE LABEL
139.5
90
90
60
6(INSERTED) 1(EJECTED)
60
21
4
21
94
90.8 MEDIA INSERT CENTER 16.7 4.6 25.4 6
27.5
14.6 28.5
EJECT BUTTON
LED
101.6
31
70
The figures are at MFM. At FM, the memory capacity, the data transfer speed and the memory density will be reduced to half the figures. These specification are as of July 19, 2002. These are subject to change without prior notice for further improvement.
MITSUMI
101.6
25.4 5
3-M3 0.5 L:4max (EXTERNAL THREAD)
4-M3 0.5 L:4max (EXTERNAL THREAD)
Unit : mm


▲Up To Search▲   

 
Price & Availability of D353M3D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X